PART |
Description |
Maker |
EDI8L24129V-BC EDI8L24129V12BI EDI8L24129V EDI8L24 |
10ns; 3.3V power supply; 128K x 24 SRAM SRAM MCP SDR Connector; No. of Contacts:26; Pitch Spacing:0.8mm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 128K X 24 SRAM 3.3 VOLT 128K的X 24 SRAM.3 15ns; 3.3V power supply; 128K x 24 SRAM
|
Electronic Theatre Controls, Inc. White Electronic Designs
|
WF8M32-XG4DX5 WF8M32-150G4DC5 WF8M32-120G4DI5 WF8M |
100ns; 5V power supply; 8M x 32 flash module 120ns; 5V power supply; 8M x 32 flash module 150ns; 5V power supply; 8M x 32 flash module 8M X 32 FLASH 5V PROM MODULE, 150 ns, CQFP68 40 MM, DUAL CAVITY, CERAMIC, QFP-68 8Mx32 5V Flash Module(8Mx32 5V闪速存储器模块) Flash MCP
|
Glenair, Inc. White Electronic Designs Corporation
|
SST29LE010-150-4C-NHE CAT25C33Y20 GLS29EE512-70-4I |
EEPROM 128K X 8 150ns EEPROM (4kx8) 32K 2.5-6.0 EEPROM 64K X 8 70ns EEPROM 128K X 8 70ns 16Kb Add-Only Memory 16K X 1 OTPROM, PDSO6
|
Silicon Storage Technology, Inc. Advanced Semiconductor, Inc. Maxim Integrated Products
|
EDI8L32128V12AC EDI8L32128V12AI EDI8L32128V15AC ED |
12ns; 3.3V power supply; 128K x 32 CMOS high speed static RAM 15ns; 3.3V power supply; 128K x 32 CMOS high speed static RAM 20ns; 3.3V power supply; 128K x 32 CMOS high speed static RAM
|
White Electronic Designs
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
28C010TRTDI-15 28C010TRPFB-15 28C010TRT2DI-12 28C0 |
1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 POT 200K OHM THUMBWHEEL CERM ST 128K X 8 EEPROM 5V, 200 ns, DFP32 150 x 32 pixel format, LED Backlight available 128K X 8 EEPROM 5V, 120 ns, DIP32 Low Profile Power Inductor; Inductor Type:Power; Inductance:1uH; Inductance Tolerance: /- 20 %; Series:HC2LP; Core Material:Ferrite; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Voltage Rating:400VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.068uF; Capacitance Tolerance: /- 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
http:// Maxwell Technologies, Inc
|
G73MCS-DC9C G73AD-DC12 G73AD-DC12A G73AD-DC12C G73 |
RECT SCHOTTKY 40V 5A POWERMITE3 G73 G73 G73 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.2V-vf 250ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir DO-15 1K/BULK LENS RND YLW W/TPT HLDR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
ASM809TEUR-T ASM810TEUR ASM810SEUR ASM810REUR ASM8 |
4.00 V, 3 pin microcontroller power supply supervisor 4 V, 3 pin microcontroller power supply supervisor 2.93 V, 3 pin microcontroller power supply supervisor 3.08 V, 3 pin microcontroller power supply supervisor 2.63 V, 3 pin microcontroller power supply supervisor 4.38 V, 3 pin microcontroller power supply supervisor 4.63 V, 3 pin microcontroller power supply supervisor 3 Pin Microcontroller Power Supply Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Low Power CPU Supervisors
|
Alliance Semiconductor, Corp. ALSC Alliance Semiconductor Corporation Alliance Semiconductor Corp...
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
CY7C1350F CY7C1350F-100AC CY7C1350F-100AI CY7C1350 |
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 4.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 CABLE ASSEMBLY; LEAD-FREE SOLDER; SMA MALE TO SMA MALE; 50 OHM, PE-SR047FL (.047" RE-SHAPABLE) 128K X 36 ZBT SRAM, 3.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl(TM) Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|